|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3MTM Mini D Ribbon (MDR) Connectors .050" Boardmount Through-Hole Right Angle Receptacle - Shielded, SCSI-2 Layout 102 Series * Wiper-on-wiper contact for reliable repetitive plugging * Rugged die cast metal case construction * Ground lock for reliable PCB retention * Interface latch design for connection stability * 68 position * Reverse pin layout pattern - SCSI-2 layout compatible * SeetheRegulatoryInformationAppendix(RIA)in the"RoHScompliance"sectionof www.3mconnectors.comforcomplianceinformation (RIAE1&C1apply) Date Modified: July 21, 2009 TS-2216-C Sheet 1 of 3 Physical Insulation Material: Glass Reinforced Polyester (PBT) Insulation Flammability: UL 94V-0 Insulation Color: Black Contact Material: Copper Alloy Plating: Underplating: 80 " [ 2.03 m ] Nickel Wiping Area: 30 " [ 0.76 m ] Min. Gold over Nickel Solder Tail Plating: Gold Flash over Nickel (RIA E1 & C1 apply) Body Material: Zinc Alloy Body Plating: Nickel Ground Lock Material: Copper Alloy Plating: Matte Tin Shroud and Latch Hook Material: Steel Shroud and Latch Hook Plating: Nickel Marking: 3M Logo and Part Number Electrical Current Rating: 1 A Insulation Resistance: > 5 x 108 at 500 VDC Withstanding Voltage: 500 VRMS for 1 Minute Environmental Temperature Rating: -55C to +105C Process Rating: Solder Dip Test - 260C for 10 sec, 2 times after 100C max. preheat, 60 sec max. duration UL File No.: E68080 3 Electronic Solutions Division Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3MTM Mini D Ribbon (MDR) Connectors .050" Boardmount Through-Hole Right Angle Receptacle - Shielded, SCSI-2 Layout 102 Series 68 Position Receptacle POSITION 3 POSITION 2 POSITION 1 2.51 [63.8] 1.650 [41.91] POSITION 2.28 [57.9] .19 [4.8] 0.016 SQ [0.40] 0.075 [1.9] .26 [6.7] .45 [11.5] .21 [5.3] LAST POSITION 1.85 [46.9] 2.12 [53.8] .05 [1.3] .05 [1.3] .28 [7.2] .19 [4.8] 2X M2.5 THD .19 [4.8] POSITION 1 POSITION 2 .25 [6.3] .37 [9.4] TAIL LENGTH = .10 [2.5] .05 [1.27] LAST POSITION POSITION 15 2X .09 [2.2] GROUND LOCK Inch (mm) Tolerance Unless Noted C Inch ( ) Dimensions used for Reference Only .0 .1 .00 .01 .000 .005 TS-2216-C Sheet 2 of 3 3 Electronic Solutions Division Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3MTM Mini D Ribbon (MDR) Connectors .050" Boardmount Through-Hole Right Angle Receptacle - Shielded, SCSI-2 Layout 102 Series Recommended PC Board Layout POSITION 2 POSITION 3 O.028.003 [O.70.08] .24 [6.1] .16 [4.1] O.105.003 [O2.67.08] LAST POSITION 2.281.004 [57.93.10] 1.65 [41.9] POSITION 1 .20 TYP [5.0] .16 TYP [4.0] .075 TYP [1.90] .050 TYP [1.27] .18 MAX [4.6] EDGE OF PC BOARD POSITION .319.004 [8.10.10] 2.134.004 [54.20.10] 2.281.004 [57.93.10] R.060 [R1.52] Recommended Panel Cut-Out Inch (mm) Tolerance Unless Noted Inch ( ) Dimensions used for Reference Only .0 .1 .00 .01 .000 .005 Note: Panel thickness .079 [ 2.00 ] max. Ordering Information 10268 - 5JBEPC TS-2216-C Sheet 3 of 3 3 Electronic Solutions Division Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 Important Notice All statements, technical information, and recommendations related to 3M's products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in 3M's current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M. Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M's option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted. 3M Electronics Solutions Division 6801 River Place Blvd. Austin, TX 78726-9000 U.S.A. 1-800-225-5373 www.3mconnectors.com Please recycle. Printed in USA. (c) 3M 2009. All rights reserved. 3M is a trademark of 3M Company. |
Price & Availability of 10268-5JBEPC |